PART |
Description |
Maker |
STW16NB60 |
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMeshMOSFET N沟道600V 0.3ohm - 16A条,247 PowerMesh⑩MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh⑩ MOSFET N-CHANNEL 600V 0.3 OHM 16A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FGH40N60UF FGH40N60UFTU |
600V, 40A Field Stop IGBT; Package: TO-247; No of Pins: 3; Container: Rail 80 A, 600 V, N-CHANNEL IGBT, TO-247AB
|
Fairchild Semiconductor, Corp.
|
STGW20NB60HD 6204 |
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT N沟道20A 600V 247 PowerMESH IGBT N-CHANNEL 20A - 600V TO-247 PowerMESH TM IGBT From old datasheet system N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STW18NK60Z |
N-CHANNEL 600V - 0.27 - 16A TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V - 0.27?/a> - 16A TO-247 Zener-Protected SuperMESH?/a> MOSFET N-CHANNEL 600V - 0.27з - 16A TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 600V - 0.27 OHM - 16A TO-247 ZENER-PROTECTED SUPERMESH MOSFET N-CHANNEL MOSFET
|
STMicroelectronics ST Microelectronics
|
STP10NK60Z STP10NK60ZFP STB10NK60Z STB10NK60Z-1 ST |
N-CHANNEL 600V-0.65ohm-10A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?┬ower MOSFET N-CHANNEL 600V-0.65ohm-10A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N沟道600V.65ohm - 10A条TO-220/FP/D2PAK/I2PAK/TO-247齐纳保护SuperMESH⑩功率MOSFET N-CHANNEL Power MOSFET N-CHANNEL 600V-0.65ohm-10A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 0.65 OHM - 10A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
W16NK60Z B16NK60Z P16NK60Z STB16NK60Z-S STP16NK60Z |
14 A, 600 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 600V - 0.38 - 14 A TO-220 /I2SPAK/TO-247 Zener - Protecdet SuperMESH⑩ MOSFET N-CHANNEL 600V - 0.38 - 14 A TO-220 /I2SPAK/TO-247 Zener - Protecdet SuperMESH MOSFET N-CHANNEL 600V - 0.38 - 14 A TO-220 /I2SPAK/TO-247 Zener - Protecdet SuperMESH?/a> MOSFET
|
STMICROELECTRONICS[STMicroelectronics] http://
|
STGW50NB60H 6705 |
N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT From old datasheet system N-CHANNEL 50A - 600V TO-247 PowerMESH TM IGBT N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STW12NC60 7175 |
N-CHANNEL 600V 0.48 OHM 12A TO-247 POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V 0.48 OHM 12A TO-247 POWERMESH II MOSFET
|
ST Microelectronics STMicroelectronics
|
HGT1Y40N60B3D |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 40A I(C) | TO-264 70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
|
FAIRCHILD[Fairchild Semiconductor]
|
STGW40NC60V |
N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH??IGBT N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH IGBT N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH⑩ IGBT
|
??????浣? ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB10NK60ZT4 STB10NK60Z06 STW10NK60Z STP10NK60Z ST |
N-channel 600V - 0.65Ω - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH Power MOSFET N-channel 600V - 0.65Ω - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 600V - 0.65ヘ - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics
|